PART |
Description |
Maker |
LT3014HVES5TRM LT3014HVEDDTRPBF LT3014EDDPBF LT301 |
20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO5 20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO8 20mA, 3V to 80V Low Dropout Micropower Linear Regulator 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO5
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT3014BHVES5TRPBF LT3014BHVIDDTRPBF LT3014BES5PBF |
20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO5 20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO8 20mA, 3V to 80V Low Dropout Micropower Linear Regulator 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO5 20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO8 20mA, 3V to 80V Low Dropout Micropower Linear Regulator 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO8 20mA, 3V to 80V Low Dropout Micropower Linear Regulator; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C 1.22 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.57 V DROPOUT, PDSO5
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT3013HFEPBF LT3013HFETRPBF |
250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
|
Linear Technology
|
LT3012B LT3012BEFE LT3012BEDE LT3012BEDETR |
250mA, 4V to 80V Low Dropout Micropower Linear Regulator; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 125°C 1.24 V-60 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.62 V DROPOUT, PDSO12
|
Linear Technology, Corp. Linear Technology Corporation
|
8178 A8178LLR A8178LLT |
Low-Dropout, 7.7 V Preregulator(浣??宸??7.7V棰?ǔ???) Low-Dropout, 7.7 V Preregulator(低压差,7.7V预稳压器) 低压差,7.7 V前置稳压器(低压差,7.7V预稳压器 LOW-DROPOUT, 7.7 V PREREGULATOR 低压差,7.7 V前置稳压 DCMM37SM LOW-DROPOUT/ 7.7 V PREREGULATOR LOW-DROPOUT 7.7 V PREREGULATOR From old datasheet system
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
ZXCL5213V40 ZXCL5213V33 ZXCL5213V30 ZXCL5213V28 ZX |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 2.8 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO5 MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS From old datasheet system
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
AMS3102CM1 AMS3102AM-50 AMS3102AM-X AMS3102AL-33 A |
300mA LOW DROPOUT VOLTAGE REGULATOR 4.0V 300mA low dropout voltage regulator MB 15C 14#20 1#16 SKT RECP 300mA低压差稳压器 MB 18C 18#20 PIN RECP 300mA低压差稳压器 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 300mA低压差稳压器 300mA LOW DROPOUT VOLTAGE REGULATOR 300mA低压差稳压器 TERMINAL BLOCK 7MM HORZ 7POS PCB MB 15C 14#20 1#16 SKT PLUG MB 12C 8#20 4#16 SKT RECP MB 8C 8#16 SKT RECP MB 12C 8#20 4#16 PIN RECP MB 15C 14#20 1#16 PIN RECP 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-SOIC -55 to 125 2.5V 300mA low dropout voltage regulator 2.0V 300mA low dropout voltage regulator 5.0V 300mA low dropout voltage regulator 3.0V 300mA low dropout voltage regulator 3.3V 300mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
ADP3335 ADP3335ARM-18 ADP3335ARM-25 ADP3335ARM-285 |
0.3-16V; 200mW; 500MHz, high accuracy ultralow 500mA anyCAP low dropout regulator. For PCMCIA card, cellular phones, camcorders and cameras High Accuracy Ultralow IQ/ 500 mA anyCAP Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator High Accuracy Ultralow Quiescent Current, 500mA, anyCAP?Low Dropout
|
Analog Devices, Inc. AD[Analog Devices] http://
|
AP131-20YL-13 AP131-20YL-7 AP131-18YL-13 AP131-18Y |
1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
|
Diodes, Inc. http:// Diodes Inc. DIODES[Diodes Incorporated]
|
LTC1798CS8 LTC1798CMS8 LTC1798CMS8-5 LTC1798CMS8-4 |
Micropower Low Dropout References(4.1V杈??,寰?????浣??宸?ǔ???) Micropower Low Dropout References(3V输出,微功耗,低压差稳压器) 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3 V, PDSO8 Micropower Low Dropout References(2.5V输出,微功耗,低压差稳压器) Micropower Low Dropout References(4.1V输出,微功耗,低压差稳压器)
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|